전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74AC299P 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74AC299P
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC299P 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74AC299P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC299P/F
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC299P,TC74AC299F
8-Bit PIPO Shift Register with Asynchronousclear
The TC74AC299 is an advanced high speed CMOS 8-BIT PIPO
SHIFT REGISTER fabricated with silicon gate and double-layer
metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
It has a four modes (HOLD, SHIFT LEFT, SHIFT RIGHT and
LOAD DATA) controlled by the two selection inputs (S0, S1).
When one or both enable ( 1
G ,
2
G ) are high, the eight I/O
outputs are forced to the high-impedance state; however,
sequential operation or clearing of the register is not affected.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features (Note 1)(Note 2)
• High speed: fmax = 150 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
tansmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F299
Note 1: Do not apply a signal to any bus terminal when it is in the output mode. Damage may result.
Note 2: All floating (high impedance) bus terminals must have their input levels fixed by means of pull up or pull
down resistors.
Pin Assignment
TC74AC299P
TC74AC299F
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


유사한 부품 번호 - TC74AC299P_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74AC299P TOSHIBA-TC74AC299P Datasheet
351Kb / 8P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUSCLEAR
More results

유사한 설명 - TC74AC299P_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74AC299P TOSHIBA-TC74AC299P Datasheet
351Kb / 8P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUSCLEAR
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
logo
STMicroelectronics
M54HC195 STMICROELECTRONICS-M54HC195 Datasheet
264Kb / 13P
   8 BIT PIPO SHIFT REGISTER
logo
Toshiba Semiconductor
TC74AC166P TOSHIBA-TC74AC166P_07 Datasheet
503Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (P-IN, S-OUT)
TC74ACT164F TOSHIBA-TC74ACT164F_07 Datasheet
233Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74AC164P TOSHIBA-TC74AC164P_07 Datasheet
295Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74HC4094AP TOSHIBA-TC74HC4094AP_07 Datasheet
498Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com