전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP1255 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP1255
상세설명  Copiers, Printers and Fax Machines Air Conditioners Game Machines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1255 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP1255 Datasheet HTML 1Page - Toshiba Semiconductor TLP1255 Datasheet HTML 2Page - Toshiba Semiconductor TLP1255 Datasheet HTML 3Page - Toshiba Semiconductor TLP1255 Datasheet HTML 4Page - Toshiba Semiconductor TLP1255 Datasheet HTML 5Page - Toshiba Semiconductor TLP1255 Datasheet HTML 6Page - Toshiba Semiconductor TLP1255 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP1255 (C8,Q)
2007-10-01
5
Low-level output current IOL (mA)
IOL – VOL
(typ.)
1
3
10
30
100
0.001
0.003
0.01
0.03
0.1
0.3
1
Ta
= 25°C
VCC = 2.97~5.5 V
Detection position
characteristics (1)
(typ.)
VCC = 2.97~5.5 V
RL = 10 kΩ
Ta
= 25°C
Detection position
d
= 0 ± 0.4 mm
0
+
d
Shutter
Distance d (mm)
Distance d (mm)
Detection position
characteristics (2)
(typ.)
VCC = 2.97~5.5 V
RL = 10 kΩ
Ta
= 25°C
Detection position
d
= 9.6
mm
d
Shutter
1.2 mm Metal
board thickness
+ 1.9
− 0.9
Output
"L"
Output
"H"
8
9
10
12
11
Output
"L"
Output
"H"
−2
−1
0
1
2


유사한 부품 번호 - TLP1255

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
   Programmable Controllers AC / DC.Input Module Telecommunication
TLP120 TOSHIBA-TLP120 Datasheet
529Kb / 7P
   GaAs IREO & PHOTO-TRANSISTOR
TLP120-4 TOSHIBA-TLP120-4 Datasheet
529Kb / 7P
   GaAs IREO & PHOTO-TRANSISTOR
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
logo
Toshiba Semiconductor
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
More results

유사한 설명 - TLP1255

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
   Copiers, Printers and Fax Machines Air-conditioners Game Machines
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
   Copiers, Printers, Fax Machines
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
   COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
   PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
   OA equipments such as Fax machines
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
   2048-elements, for optical character reader(OCR) and fax machines
logo
List of Unclassifed Man...
HPDM2A ETC2-HPDM2A Datasheet
238Kb / 2P
   ID tools and machines
logo
Lumberg
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
   Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com