전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74AC540P 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74AC540P
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC540P 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74AC540P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC540P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC540P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC540P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC540P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC540P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC540P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC540P_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC540P_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC540,541P/F/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC540P,TC74AC540F,TC74AC540FT
TC74AC541P,TC74AC541F,TC74AC541FT
Octal Bus Buffer
TC74AC540P/F/FT
Inverting, 3-State
Outputs
TC74AC541P/F/FT
Non-Inverting, 3-State
Outputs
The TC74AC540/TC74AC541 are advanced high speed CMOS
OCTAL BUS BUFFERs fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The TC74AC540 is an inverting type, and the TC74AC541 is a
non-inverting type.
When either
1
G
or
2
G
are high, the terminal outputs are in
the high-impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 4.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F540/541
TC74AC540P, TC74AC541P
TC74AC540F, TC74AC541F
TC74AC540FT, TC74AC541FT
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)


유사한 부품 번호 - TC74AC540P_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74AC540P TOSHIBA-TC74AC540P Datasheet
285Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC74AC540P_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT540P TOSHIBA-TC74ACT540P_07 Datasheet
228Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com