전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP1243C8 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP1243C8
상세설명  Copiers, Printers and Fax Machines Air-conditioners Game Machines
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1243C8 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TLP1243C8 Datasheet HTML 1Page - Toshiba Semiconductor TLP1243C8 Datasheet HTML 2Page - Toshiba Semiconductor TLP1243C8 Datasheet HTML 3Page - Toshiba Semiconductor TLP1243C8 Datasheet HTML 4Page - Toshiba Semiconductor TLP1243C8 Datasheet HTML 5Page - Toshiba Semiconductor TLP1243C8 Datasheet HTML 6Page - Toshiba Semiconductor TLP1243C8 Datasheet HTML 7Page - Toshiba Semiconductor TLP1243C8 Datasheet HTML 8Page - Toshiba Semiconductor TLP1243C8 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP1243(C8)
2007-10-01
6
0.001
0
20
40
60
100
120
80
0.01
0.1
1
10
VCE = 24 V
Relative IC – Ta
(typ.)
0.2
1.2
0.4
0.6
0.8
1.0
−40
100
60
20
−20
40
0
80
VCE = 2 V
: IF = 20 mA
: IF = 10 mA
: IF = 5 mA
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
ID (ICEO) – Ta
(typ.)
Ambient temperature Ta (°C)
VCE (sat) – Ta
(typ.)
Switching Time Test Circuit
VCC
IF
VOUT
90%
10%
tf
ts
td
tr
VOUT
IF
0.0
0.20
0.04
0.08
0.12
0.16
−40
100
60
20
−20
40
0
80
IC = 0.25 mA
IF = 20 mA


유사한 부품 번호 - TLP1243C8

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
   Photo-interrupter Infrared LEDPhototransistor
More results

유사한 설명 - TLP1243C8

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
   Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
   Copiers, Printers, Fax Machines
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
   COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
   PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
   OA equipments such as Fax machines
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
   2048-elements, for optical character reader(OCR) and fax machines
logo
List of Unclassifed Man...
HPDM2A ETC2-HPDM2A Datasheet
238Kb / 2P
   ID tools and machines
logo
Lumberg
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
   Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com