전자부품 데이터시트 검색엔진 |
|
TLP1032 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TLP1032 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 9 page TLP1032(F), TLP1033A(F) 2007-10-01 2 Absolute Maximum Ratings (Ta = 25°C) Characteristic Symbol Rating Unit Forward current IF 50 mA (Ta > 25°C) −0.33 Forward current derating (Ta > 85°C) ΔIF/°C −2 mA/°C Reverse voltage VR 5 V Supply voltage VCC 15 V Output voltage VO 15 V Low-level output current (Ta = Topr) IOL 16 mA Operating temperature Topr −30~95 °C Storage temperature Tstg −40~100 °C Soldering temperature (5 s) (Note 1) Tsol 260 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Soldering is performed 1.5 mm from the bottom of the package. Operating Ranges Characteristic Symbol Min Typ. Max Unit LED forward current IF 8 (Note 2) ⎯ 20 mA Supply voltage VCC 2.7 3.3 13.2 V Output voltage VO ⎯ ⎯ 13.2 V Low-level output current IOL ⎯ ⎯ 16 mA Operating temperature Topr −25 ⎯ 95 °C Note 2: The value 8 mA allows for a 50% optical fluctuation in the LED. The initial value of the threshold input current is 4 mA or less. |
유사한 부품 번호 - TLP1032 |
|
유사한 설명 - TLP1032 |