전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC32AFN 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC74HC32AFN
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC32AFN 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC74HC32AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC32AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC32AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC32AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC32AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC32AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC32AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC32AFN Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74HC32AP/AF/AFN
2007-10-01
4
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
25
7
6
75
15
13
95
19
16
ns
Propagation delay
time
tpLH
tpHL
2.0
4.5
6.0
24
8
7
75
15
13
95
19
16
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
21
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per gate)


유사한 부품 번호 - TC74HC32AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC32AFN TOSHIBA-TC74HC32AFN Datasheet
232Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC74HC32AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com