전자부품 데이터시트 검색엔진 |
|
TC7WB125FK 데이터시트(PDF) 4 Page - Toshiba Semiconductor |
|
TC7WB125FK 데이터시트(HTML) 4 Page - Toshiba Semiconductor |
4 / 6 page TC7WB125FK 2007-10-19 4 AC Test Circuit AC Waveform Parameter Switch tpLH, tpHL Open tpLZ, tpZL 7.0 V tpHZ, tpZH Open Open 7.0 V GND Switch Output Measure CL = 50 pF RL = 500 Ω Figure 1 Figure 2 tpLH, tpHL 90% 10% Input (A, B) GND 3.0 V tr 2.5 ns 1.5 V Output (B, A) VOL VOH 1.5 V tpLH tpHL tf 2.5 ns Figure 3 tpLZ, tpHZ, tpZL, tpZH 90% 10% VOL 3.5 V GND 3.0 V 1.5 V tpHZ tpZH tr 2.5 ns 1.5 V GND VOH Outputs enabled 1.5 V tpLZ tpZL VOH − 0.3 V Outputs disabled Outputs enabled Output Enable ( OE ) Output (A, B) Low to Off to Low Output (A, B) High to Off to High VOL + 0.3 V tf 2.5 ns |
유사한 부품 번호 - TC7WB125FK |
|
유사한 설명 - TC7WB125FK |