전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP197G 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP197G
상세설명  Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP197G 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP197G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP197G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP197G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP197G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP197G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP197G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP197G
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197G
Modem
Fax
PBX
Measurement Instrumentation
The TOSHIBA mini flat photo relay TLP197G is a small
outline photo relay,suitable for surface mount assembly.
The TLP197G consists of an gallium arsenide infrared emitting diode
optically coupled to a photo―MOS FET in a six lead 2.1mm height
package, which enable TLP197G to be applied in card modems.
The TLP197G is a bi―directional switch which can replace mechanical
relays in fax machines and modems etc.
• SOP 6pin(2.54SOP6): 1−form−A
• Peak off−state voltage: 350V (min)
• Trigger LED current: 3mA (max)
• On−state current:120mA(max)
(A connection)
• On−state resistance: 35Ω(max)
• Isolation voltage: 1500Vrms (min)
• UL recognized: UL1577, file No./E67349
• BSI approved: BS EN60065: 2002, certificate No.8753
BS EN60950-1: 2002, certificate No.8754
• SEMKO approved: SS EN60065
SS EN60950
• Option(V4)type
TUV approved: DIN EN 60747-5-2
Certificate no. 40009351
Pin Configuration (top view)
1 : Anode
2 : Cathode
3 : NC
4 : Drain D1
5 : Source
6 : Drain D2
1
3
2
6
4
5
6
4
13
1-Form-a
Schematic
1
2
6
4
5
Unit in mm
JEDEC
EIAJ
TOSHIBA
Weight: 0.13g


유사한 부품 번호 - TLP197G_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
More results

유사한 설명 - TLP197G_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
   Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
   Telecommunication Data Acquisit Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com