전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP202G 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP202G
상세설명  Measurement Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP202G 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP202G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP202G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP202G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP202G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP202G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP202G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP202G
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP202G
PC Card Modems
PBX
STB (Set Top Boxes)
Measurement Equipment
The Toshiba TLP202G consists of a gallium arsenide infrared emitting
diode optically coupled to a photo-MOSFET in an 8-pin SOP package.
This photorelay has a characteristic of high-withstanding voltage
between output pins which enables TLP202G to be applied in hook
relays and dial-pulse for modems and facsimiles.
Moreover, the TLP202G is used for PCMCIA-compliant card modems
because the maximum mounted height of SOP package is as small as
2.1 mm.
• 8-pin SOP (2.54SOP8): Height = 2.1 mm, Pitch = 2.54 mm
• Normally open (1-form-A) device
• Peak Off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 110 mA (max)
• On-state resistance: 35 Ω (max, t < 1 s)
• On-state resistance: 50 Ω (max, continuous)
• Isolation voltage: 1500 Vrms (min)
• UL recognized: UL1557, File No.E67349
Pin Configuration (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
11-10H1
Weight: 0.2 g (typ.)
1
2
8
7
1, 3 : Anode
2, 4 : Cathode
5
: Drain D1
6
: Drain D2
7
: Drain D3
8
: Drain D4
3
4
6
5


유사한 부품 번호 - TLP202G_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_14 Datasheet
237Kb / 6P
   PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
More results

유사한 설명 - TLP202G_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com