전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP227G 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP227G
상세설명  Photo Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP227G 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP227G Datasheet HTML 1Page - Toshiba Semiconductor TLP227G Datasheet HTML 2Page - Toshiba Semiconductor TLP227G Datasheet HTML 3Page - Toshiba Semiconductor TLP227G Datasheet HTML 4Page - Toshiba Semiconductor TLP227G Datasheet HTML 5Page - Toshiba Semiconductor TLP227G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP227G,TLP227G−2
2007-10-01
1
TOSHIBA Photocoupler Photo Relay
TLP227G,TLP227G−2
Cordless Telephone
PBX
Modem
The TOSHIBA TLP227G series consist of a gallium arsenide infrared
emitting diode optically coupled to a photo−MOS FET in a plastic
DIP package.
The TLP227G series are a bi−directional switch which can replace
mechanical relays in many applications.
• TLP227G: 4 pin DIP(DIP4),1 channel type(1 form A)
• TLP227G−2: 8 pin DIP(DIP8),2 channel type(2 form A)
• Peak off−state voltage: 350V(min.)
• Trigger LED current: 3mA(max.)
• On−state current: 120mA(max.)
• On−state resistance: 35Ω(max.)
• Isolation voltage: 2500Vrms (min.)
• Isolation thickness: 0.4mm(min.)
• BSI approved: BS EN60065: 2002, certificate no.8275
BS EN60950-1: 2002, certificate no.8276
• Option(D4) type
TUV approved: DIN EN 60747-5-2,
certificate no. 40011913
Pin Configuration (top view)
1: Anode
2: Cathode
3: Drain 1
4: Drain 2
TLP227G
2
4
3
1
1
2
1, 3: Anode
2, 4: Cathode
5: Drain 1
6: Drain 2
7: Drain 3
8: Drain 4
7
8
TLP227G-2
3
4
6
5
Unit in mm
TOSHIBA
11
−5B2
Weight: 0.26g
4
3
12
1 Form A
TOSHIBA
11
−10C4
Weight: 0.54g
8
1
5
4
2 Form A


유사한 부품 번호 - TLP227G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
TLP227G-2 TOSHIBA-TLP227G-2 Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
TLP227G-2N TOSHIBA-TLP227G-2N Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
TLP227GA TOSHIBA-TLP227GA Datasheet
151Kb / 6P
   TOSHIBA Photocoupler Photo Relay
TLP227GA TOSHIBA-TLP227GA Datasheet
189Kb / 6P
   Photo Relay
More results

유사한 설명 - TLP227G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA_07 Datasheet
189Kb / 6P
   Photo Relay
TLP209D TOSHIBA-TLP209D Datasheet
130Kb / 4P
   PHOTO RELAY
TLP597G TOSHIBA-TLP597G Datasheet
174Kb / 3P
   PHOTO RELAY
TLP597GA TOSHIBA-TLP597GA Datasheet
164Kb / 6P
   Photo Relay
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
   PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com