전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC4066AP 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC74HC4066AP
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Quad Bilateral Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4066AP 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC4066AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC74HC4066AP/AF/AFN/AFT
2007-10-01
7
Switching Characteristics Test Circuits
1. tpLZ, tpHZ, tpZL, tpZH
2. Cross Talk (control input-switch output)
fIN
= 1 MHz duty = 50% tr = tf = 6 ns
3. Feedthrough Attenuation
VCC
GND
VOH
VOL
VOH
VOL
90%
tpHZ
tpLZ
10%
tpZL
tpZH
50%
50%
50%
10%
VC
VO/I
(S1 = VCC, S2 = GND)
VO/I
(S1 = GND, S2 = VCC)
6 ns
6 ns
1 kΩ
S2
GND
VCC
C
S1
from
P.G
O/I
I/O
VCC
VCC
GND
from
P.G
600 Ω
VCC
GND
VCC
C
O/I
I/O
VCC/2
VCC/2
VCC
0.1 μF
GND
VCC
C
O/I
I/O


유사한 부품 번호 - TC74HC4066AP_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
More results

유사한 설명 - TC74HC4066AP_07

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7SZ66FU KEC-KIC7SZ66FU Datasheet
408Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7S66FU KEC-KIC7S66FU Datasheet
304Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7W66FK KEC-KIC7W66FK Datasheet
444Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL BILATERAL SWITCH)
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com