전자부품 데이터시트 검색엔진 |
|
TC74HC4052AF 데이터시트(PDF) 6 Page - Toshiba Semiconductor |
|
TC74HC4052AF 데이터시트(HTML) 6 Page - Toshiba Semiconductor |
6 / 15 page TC74HC4051,4052AP/AF/AFT,4053AP/AF/AFN/AFT 2007-10-01 6 Electrical Characteristics DC Characteristics Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VEE (V) VCC (V) Min Typ. Max Min Max Unit High-level control input voltage VIHC ⎯ 2.0 4.5 6.0 1.50 3.15 4.20 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ 1.50 3.15 4.20 ⎯ ⎯ ⎯ V Low-level control input voltage VILC ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ 0.50 1.35 1.80 ⎯ ⎯ ⎯ 0.50 1.35 1.80 V VIN = VILC or VIHC VI/O = VCC to VEE II/O ≤ 2 mA GND −4.5 −6.0 4.5 4.5 6.0 ⎯ ⎯ ⎯ 85 55 50 180 120 100 ⎯ ⎯ ⎯ 225 150 125 ON resistance RON VIN = VILC or VIHC VI/O = VCC or VEE II/O ≤ 2 mA GND GND −4.5 −6.0 2.0 4.5 4.5 6.0 ⎯ ⎯ ⎯ ⎯ 150 70 50 45 ⎯ 150 100 80 ⎯ ⎯ ⎯ ⎯ ⎯ 190 125 100 Ω Difference of ON resistance between switches ΔRON VIN = VILC or VIHC VI/O = VCC to VEE II/O ≤ 2 mA GND −4.5 −6.0 4.5 4.5 6.0 ⎯ ⎯ ⎯ 10 5 5 30 12 10 ⎯ ⎯ ⎯ 35 15 12 Ω Input/output leakage current (switch off) IOFF VOS = VCC or GND VIS = GND or VCC VIN = VILC or VIHC GND −6.0 6.0 6.0 ⎯ ⎯ ⎯ ⎯ ±60 ±100 ⎯ ⎯ ±600 ±1000 nA Switch input leakage current (switch on) IIZ VOS = VCC or GND VIN = VILC or VIHC GND −6.0 6.0 6.0 ⎯ ⎯ ⎯ ⎯ ±60 ±100 ⎯ ⎯ ±600 ±1000 nA Control input current IIN VIN = VCC or GND GND 6.0 ⎯ ⎯ ±0.1 ⎯ ±1.0 μA Quiescent supply current ICC VIN = VCC or GND GND −6.0 6.0 6.0 ⎯ ⎯ ⎯ ⎯ 4.0 8.0 ⎯ ⎯ 40.0 80.0 μA |
유사한 부품 번호 - TC74HC4052AF |
|
유사한 설명 - TC74HC4052AF |