전자부품 데이터시트 검색엔진 |
|
TC74HC161AF 데이터시트(PDF) 7 Page - Toshiba Semiconductor |
|
TC74HC161AF 데이터시트(HTML) 7 Page - Toshiba Semiconductor |
7 / 15 page TC74HC161,163AP/AF/AFN 2007-10-01 7 Timing Requirements (input: tr = tf = 6 ns) Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) Typ. Limit Limit Unit Minimum pulse width (CK) tW (H) tW (L) Figure 1 2.0 4.5 6.0 ⎯ ⎯ ⎯ 75 15 13 95 19 16 ns Minimum pulse width ( CLR ) (Note 1) tW (L) Figure 4 2.0 4.5 6.0 ⎯ ⎯ ⎯ 75 15 13 95 19 16 ns Minimum set-up time ( LOAD , ENP, ENT) ts Figure 2, Figure 3 2.0 4.5 6.0 ⎯ ⎯ ⎯ 100 20 17 125 25 21 ns Minimum set-up time (A, B, C, D) ts Figure 2 2.0 4.5 6.0 ⎯ ⎯ ⎯ 75 15 13 95 19 16 ns Minimum set-up time ( CLR ) (Note 2) ts Figure 5 2.0 4.5 6.0 ⎯ ⎯ ⎯ 75 15 13 95 19 16 ns Minimum hold time th Figure 2, Figure 3, Figure 5 2.0 4.5 6.0 ⎯ ⎯ ⎯ 0 0 0 0 0 0 ns Minimum removal time ( CLR ) (Note 1) trem Figure 4 2.0 4.5 6.0 ⎯ ⎯ ⎯ 50 10 9 65 13 11 ns Clock frequency f ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ 6 31 36 5 25 29 MHz Note 1: For TC74HC161A only Note 2: For TC74HC163A only |
유사한 부품 번호 - TC74HC161AF |
|
유사한 설명 - TC74HC161AF |