전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC165AFN 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC74HC165AFN
상세설명  8-Bit Shift Register (P-IN, S-OUT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC165AFN 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC165AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 9Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 10Page - Toshiba Semiconductor TC74HC165AFN Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74HC165AP/AF/AFN
2007-10-01
7
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
25
8
7
75
15
13
95
19
16
ns
Propagation delay time
(CK, CK INH-QH,
H
Q )
tpLH
tpHL
2.0
4.5
6.0
55
18
15
150
30
26
190
38
33
ns
Propagation delay time
(
L
S/ -QH,
H
Q)
tpLH
tpHL
2.0
4.5
6.0
60
19
16
165
33
28
205
41
35
ns
Propagation delay time
(H-QH,
H
Q )
tpHL
2.0
4.5
6.0
52
17
14
135
27
23
170
34
29
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
7
30
41
14
46
65
6
24
28
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
55
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


유사한 부품 번호 - TC74HC165AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC165AFN TOSHIBA-TC74HC165AFN Datasheet
367Kb / 9P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC74HC165AFN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com