전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC241AF 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC74HC241AF
상세설명  Octal Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC241AF 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC74HC241AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC241AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC241AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC241AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC241AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC241AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC241AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC241AF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74HC240,244AP/AF,241AP/AF
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −6 mA
IOH = −7.8 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 6 mA
IOL = 7.8 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
6.0
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


유사한 부품 번호 - TC74HC241AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC241AFI TOSHIBA-TC74HC241AFI Datasheet
290Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

유사한 설명 - TC74HC241AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com