전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP731 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP731
상세설명  Switching Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP731 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP731 Datasheet HTML 1Page - Toshiba Semiconductor TLP731 Datasheet HTML 2Page - Toshiba Semiconductor TLP731 Datasheet HTML 3Page - Toshiba Semiconductor TLP731 Datasheet HTML 4Page - Toshiba Semiconductor TLP731 Datasheet HTML 5Page - Toshiba Semiconductor TLP731 Datasheet HTML 6Page - Toshiba Semiconductor TLP731 Datasheet HTML 7Page - Toshiba Semiconductor TLP731 Datasheet HTML 8Page - Toshiba Semiconductor TLP731 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP731,TLP732
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5V
10
μA
Capacitance
CT
V = 0, f = 1MHz
30
pF
Collector
−emitter
breakdown voltage
V(BR)CEO
IC = 0.5mA
55
V
Emitter
−collector
breakdown voltage
V(BR)ECO
IE = 0.1mA
7
V
Collector
−base
breakdown voltage
(TLP731)
V(BR)CBO
IC = 0.1mA
80
V
Emitter
−base
breakdown voltage
(TLP731)
V(BR)EBO
IE = 0.1mA
7
V
VCE = 24V
10
100
nA
Collector dark current
ICEO
VCE = 24V, Ta = 85°C
2
50
μA
Collector dark current
(TLP731)
ICER
VCE = 24V, Ta = 85°C
RBE = 1MΩ
0.5
10
μA
Collector dark current
(TLP731)
ICBO
VCB = 10V
0.1
nA
DC forward current gain
(TLP731)
hFE
VCE = 5V, IC = 0.5mA
400
Capacitance collector to
emitter
CCE
V = 0, f = 1MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
50
600
Current transfer ratio
IC / IF
IF = 5mA, VCE = 5V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1mA, VCE = 0.4V
Rank GB
30
%
Base photo
−current
(TLP731)
IPB
IF = 5mA, VCB = 5V
10
μA
IC = 2.4mA, IF = 8mA
0.4
0.2
Collector
−emitter saturation
voltage
VCE (sat)
IC = 0.2mA, IF = 1mA
Rank GB
0.4
V


유사한 부품 번호 - TLP731

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
More results

유사한 설명 - TLP731

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com