전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1312 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SA1312
상세설명  Audio Frequency Low Noise Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1312 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SA1312 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1312 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1312 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1312 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1312 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1312
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1312
Audio Frequency Low Noise Amplifier Applications
• High voltage: VCEO = −120 V
• Excellent hFE linearity: hFE (IC = −0.1 mA)/ hFE (IC = −2 mA)
h= 0.95 (typ.)
• High hFE: hFE = 200~700
• Low noise: NF (2) = 0.2dB (typ.), 3dB (max) at f = 1 kHz
• Complementary to 2SC3324
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−120
V
Collector-emitter voltage
VCEO
−120
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−100
mA
Base current
IB
−20
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


유사한 부품 번호 - 2SA1312

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1312 TOSHIBA-2SA1312 Datasheet
215Kb / 3P
   TRANSISTOR (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SA1312 KEXIN-2SA1312 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Type
logo
Toshiba Semiconductor
2SA1312 TOSHIBA-2SA1312 Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312 Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312 Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
More results

유사한 설명 - 2SA1312

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
   Audio Frequency Amplifier Applications Low Noise Amplifier Applications
2SK209-Y TOSHIBA-2SK209-Y Datasheet
287Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
2SA1312-BL TOSHIBA-2SA1312-BL Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SK2145-GR TOSHIBA-2SK2145-GR Datasheet
308Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SC3324-GR TOSHIBA-2SC3324-GR Datasheet
277Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SC3324-BL TOSHIBA-2SC3324-BL Datasheet
277Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SA1312-GR TOSHIBA-2SA1312-GR Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SK209-BL TOSHIBA-2SK209-BL Datasheet
287Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
2SK880-GR TOSHIBA-2SK880-GR Datasheet
300Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
2SA1312BL TOSHIBA-2SA1312BL Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com