전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP597GA 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP597GA
상세설명  Photo Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP597GA 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP597GA Datasheet HTML 1Page - Toshiba Semiconductor TLP597GA Datasheet HTML 2Page - Toshiba Semiconductor TLP597GA Datasheet HTML 3Page - Toshiba Semiconductor TLP597GA Datasheet HTML 4Page - Toshiba Semiconductor TLP597GA Datasheet HTML 5Page - Toshiba Semiconductor TLP597GA Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP597GA
2007-10-01
1
TOSHIBA Photocoupler Photo Relay
TLP597GA
Cordless Telephone
PBX
Modem
The TOSHIBA TLP597GA consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOS FET in a six
lead plastic DIP package (DIP6).
The TLP597GA is a bi-directional switch can replace mechanical
relays in many applications.
• 6 pin DIP (DIP6)
• 1-form-A
• Peak off-state voltage: 400 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 120 mA (max)
• On-state resistance: 35 Ω (max)
• Isolation voltage: 2500 Vrms (min)
• UL Recognized :UL1577, File No. E67349
Pin Configuration (top view)
Schematic
Unit: mm
JEDEC
JEITA
TOSHIBA
11-7A8
Weight: 0.4 g (typ.)
1
2
5
6
1 : ANODE
2 : CATHODE
4 : DRAIN D1
5 : SOURCE
6 : DRAIN D2
3
4
1
2
5
6
4


유사한 부품 번호 - TLP597GA

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
More results

유사한 설명 - TLP597GA

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA_07 Datasheet
189Kb / 6P
   Photo Relay
TLP209D TOSHIBA-TLP209D Datasheet
130Kb / 4P
   PHOTO RELAY
TLP597G TOSHIBA-TLP597G Datasheet
174Kb / 3P
   PHOTO RELAY
TLP227G TOSHIBA-TLP227G_07 Datasheet
217Kb / 6P
   Photo Relay
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
   PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com