전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP594G 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP594G
상세설명  Telecommunications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP594G 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP594G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP594G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP594G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP594G_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP594G
2007-10-01
1
TOSHIBA Photocoupler Photo Relay
TLP594G
Modems
PBXes
Telecommunications
The TOSHIBA TLP594G consists of a gallium arsenide infrared emitting
diode optically coupled to a photo−MOS FET in a DIP (DIP6), which is
suitable for equipment for high tech communications, including modems.
The TLP594G complies with FCC part 68 rules with current limiting
function.
• Peak off-state voltage: 350V (min.)
• Trigger LED current: 3mA (max)
• On-state current: 120mA(max)
• Load current limiting: 150mA~300mA (t = 5ms)
• On−state resistance: 35Ω (max)
• Isolation voltage: 2500Vrms (min)
• UL recognized: UL1577, file no.E67349
Pin Configurations (top view)
Schematic
3
2
1
6
5
4
1 : Anode
2 : Cathode
3 : NC
4 : Drain D1
6 : Drain D2
1
2
6
4
Unit in mm
TOSHIBA
11−7A8
Weight: 0.4g


유사한 부품 번호 - TLP594G_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP594G TOSHIBA-TLP594G Datasheet
136Kb / 4P
   Photocoupler Photo Relay
More results

유사한 설명 - TLP594G_07

제조업체부품명데이터시트상세설명
logo
ISOCOM COMPONENTS
ISPA40 ISOCOM-ISPA40 Datasheet
217Kb / 2P
   Telecommunications
ISDB40 ISOCOM-ISDB40 Datasheet
68Kb / 2P
   Telecommunications
logo
Z-Communications, Inc
PSA3345C-LF ZCOMM-PSA3345C-LF Datasheet
86Kb / 2P
   Telecommunications
PSA3920C-LF ZCOMM-PSA3920C-LF Datasheet
73Kb / 2P
   Telecommunications
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_07 Datasheet
117Kb / 5P
   Telecommunications
logo
ISOCOM COMPONENTS
ISB35 ISOCOM-ISB35 Datasheet
78Kb / 2P
   Telecommunications
ISPA06 ISOCOM-ISPA06 Datasheet
217Kb / 2P
   Telecommunications
ISA60 ISOCOM-ISA60 Datasheet
78Kb / 2P
   Telecommunications
ISPA60 ISOCOM-ISPA60 Datasheet
217Kb / 2P
   Telecommunications
ISPA20 ISOCOM-ISPA20 Datasheet
217Kb / 2P
   Telecommunications
ISA06 ISOCOM-ISA06 Datasheet
78Kb / 2P
   Telecommunications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com