전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1408 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 2SA1408
상세설명  Color TV Vertical Deflection Output Applications Color TV Class-B Sound Output Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1408 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  2SA1408 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1408 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1408 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1408 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1408 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1408
2006-11-09
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −150 V, IE = 0
−1.0
μA
Emitter cut-off current
IEBO
VEB = −6 V, IC = 0
−1.0
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−150
V
DC current gain
hFE
(Note)
VCE = −5 V, IC = −200 mA
60
200
Collector-emitter saturation voltage
VCE (sat)
IC = −500 mA, IB = −50 mA
−1.5
V
Base-emitter voltage
VBE
VCE = −5 V, IC = −5 mA
−0.5
−0.8
V
Transition frequency
fT
VCE = −5 V, IC = −200 mA
15
50
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
35
pF
Note: hFE classification R: 60 to 120, O: 100 to 200
Marking
A1408
Part No. (or abbreviation code)
Characteristics indicator
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


유사한 부품 번호 - 2SA1408

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1408 TOSHIBA-2SA1408 Datasheet
189Kb / 3P
   TRANSISTOR (COLOR TV VERT. DEFLECTION, CLASS B SOUND OUTPUT APPLICATIONS)
More results

유사한 설명 - 2SA1408

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC2383 TOSHIBA-2SC2383 Datasheet
171Kb / 3P
   TRANSISTOR (COLOR TV VERT. DEFLECTION, CLASS B SOUND OUTPUT APPLICATIONS)
2SA1408 TOSHIBA-2SA1408 Datasheet
189Kb / 3P
   TRANSISTOR (COLOR TV VERT. DEFLECTION, CLASS B SOUND OUTPUT APPLICATIONS)
logo
Sanyo Semicon Device
2SB1037 SANYO-2SB1037 Datasheet
107Kb / 4P
   Color TV Vertical Output, Sound Output Applications
logo
KEC(Korea Electronics)
KTC3228 KEC-KTC3228 Datasheet
448Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (COLOR TV VERTICAL DEFLECTION OUTPUT, COLOR TV CLASS B SOUND OUTPUT)
TA1275 KEC-TA1275 Datasheet
479Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (COLOR TV VERTICAL DEFLECTION OUTPUT, COLOR TV CLASS B SOUND OUTPUT)
logo
Toshiba Semiconductor
2SC3621 TOSHIBA-2SC3621 Datasheet
187Kb / 3P
   NPN EPITAXIAL TYPE (COLOR TV VERT. DEFLECTION,CLASS B SOUND OUTPUT APPLICATIONS)
logo
Sanyo Semicon Device
2SC4217 SANYO-2SC4217 Datasheet
84Kb / 3P
   Color TV Chroma Output, Sound Output, B/W TV Video Output, Sound Output Applications
2SC6089 SANYO-2SC6089 Datasheet
56Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1653 SANYO-2SD1653 Datasheet
347Kb / 9P
   COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SD2688LS SANYO-2SD2688LS Datasheet
39Kb / 4P
   Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com