전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1425 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SA1425
상세설명  Power Amplifier Applications Driver-Stage Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1425 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SA1425_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1425_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1425_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1425_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1425
2006-11-09
3
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Ambient temperature Ta (°C)
PC – Ta
Collector-emitter voltage VCE (V)
Safe Operating Area
5
−0.002
−0.1
−0.005
−0.01
−0.03
−0.05
−0.1
−0.3
−0.5
−1
3
−1
−3
−10
−30
−100
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated linearly
with in crease in temperature.
IC max (continuous)
IC max (pulsed)*
1 ms*
10 ms*
100 ms*
DC operation
Ta = 25°C
−0.3
−300
−1000
0
0
−800
−600
−400
−200
−2
−4
−6
−8
−10
−12
Common emitter
Ta = 25°C
−5
−15
−10
IB = −1 mA
−7
−3
−4
−2
−300
Common emitter
IC/IB = 10
−3
−0.03
−3
−1
−0.3
−0.1
−0.05
−10
−30
−100
−1000
Ta = 100°C
−25
25
−0.5
20
0
40
60
100
120
1.2
0.4
0
0.2
0.6
0.8
80
140
160
1.0
1000
20
−3
500
300
100
50
−10
−30
−100
−300
−1000
Ta = 100°C
25
−25
Common emitter
VCE = −5 V
−600
−1000
0
0
−800
−400
−200
−0.2
−0.4
−0.6
−0.8
−1.0
−1.2
Ta = 100°C
25
−25
Common emitter
VCE = −5 V


유사한 부품 번호 - 2SA1425_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
More results

유사한 설명 - 2SA1425_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
   POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Toshiba Semiconductor
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1837M TOSHIBA-2SA1837M Datasheet
122Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_10 Datasheet
150Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA2182 TOSHIBA-2SA2182 Datasheet
171Kb / 5P
   Power Amplifier Applications Driver Stage Amplifier Applications
2006-11-13
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com