전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP532 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP532
상세설명  Programmable Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP532 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP532 Datasheet HTML 1Page - Toshiba Semiconductor TLP532 Datasheet HTML 2Page - Toshiba Semiconductor TLP532 Datasheet HTML 3Page - Toshiba Semiconductor TLP532 Datasheet HTML 4Page - Toshiba Semiconductor TLP532 Datasheet HTML 5Page - Toshiba Semiconductor TLP532 Datasheet HTML 6Page - Toshiba Semiconductor TLP532 Datasheet HTML 7Page - Toshiba Semiconductor TLP532 Datasheet HTML 8Page - Toshiba Semiconductor TLP532 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP531,TLP532
2007-10-01
1
TOSHIBA Photocoupler GaAs IRed & Photo−Transistor
TLP531,TLP532
Programmable Controllers
AC / DC−Input Module
Solid State Relay
The TOSHIBA TLP531 and TLP532 consist of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode in a six
lead plastic DIP.
TLP532 is no−base internal connection for high−EMI environments.
• Collector−emitter voltage: 55 V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
• Isolation voltage: 2500 Vrms (min.)
• UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
Unit in mm
TOSHIBA
11−7A8
Weight: 0.4g


유사한 부품 번호 - TLP532

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP532 TOSHIBA-TLP532 Datasheet
816Kb / 9P
   Programmable Controllers AC / DC-Input Module Solid State Relay
More results

유사한 설명 - TLP532

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com