전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HCT646AP 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74HCT646AP
상세설명  Octal Bus Transceiver/Register (3-state)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT646AP 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74HCT646AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT646AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT646AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT646AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT646AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT646AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT646AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT646AP_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74HCT646AP
2007-10-01
5
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5~5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5~5.5
0.8
0.8
V
IOH = −20 μA
4.5
4.4
4.5
4.4
High-level output
voltage
VOH
VIN
= VIH or VIL I
OH = −6 mA
4.5
4.18
4.31
4.13
V
IOL = 20 μA
4.5
0.0
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL I
OL = 6 mA
4.5
0.17
0.26
0.33
V
3-state output off
state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Quiescent supply
current
IC
Per input: VIN = 0.5 V or 2.4 V
Other input: VCC or GND
5.5
2.0
2.9
mA
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40
~85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
4.5
5.5
15
14
19
17
ns
Minimum set-up time
ts
4.5
5.5
10
9
13
12
ns
Minimum hold time
th
4.5
5.5
5
5
5
5
ns
Clock frequency
f
4.5
5.5
31
37
25
30
MHz


유사한 부품 번호 - TC74HCT646AP_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
More results

유사한 설명 - TC74HCT646AP_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com