전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM5G02TU 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 SSM5G02TU
상세설명  DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5G02TU 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  SSM5G02TU Datasheet HTML 1Page - Toshiba Semiconductor SSM5G02TU Datasheet HTML 2Page - Toshiba Semiconductor SSM5G02TU Datasheet HTML 3Page - Toshiba Semiconductor SSM5G02TU Datasheet HTML 4Page - Toshiba Semiconductor SSM5G02TU Datasheet HTML 5Page - Toshiba Semiconductor SSM5G02TU Datasheet HTML 6Page - Toshiba Semiconductor SSM5G02TU Datasheet HTML 7Page - Toshiba Semiconductor SSM5G02TU Datasheet HTML 8Page - Toshiba Semiconductor SSM5G02TU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SSM5G02TU
2007-11-01
4
Schottky Diode
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 0.3 A
0.33
0.39
V
Forward voltage
VF (2)
IF = 0.5 A
0.37
0.43
V
Reverse current
IR
VR = 12 V
100
μA
Total capacitance
CT
VR = 0 V, f = 1 MHz
80
pF
Precaution
The schottky barrier diode of this product are having large-reverse-current-leakage characteristic compare to
the other switching diodes. This current leakage and not proper operating temperature or voltage may cause
thermal runaway. Please take forward and reverse loss into consideration when you design.


유사한 부품 번호 - SSM5G02TU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM5G02TU TOSHIBA-SSM5G02TU_14 Datasheet
226Kb / 10P
   Silicon P Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
More results

유사한 설명 - SSM5G02TU

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com