전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM5G09TU 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 SSM5G09TU
상세설명  DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5G09TU 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button SSM5G09TU Datasheet HTML 2Page - Toshiba Semiconductor SSM5G09TU Datasheet HTML 3Page - Toshiba Semiconductor SSM5G09TU Datasheet HTML 4Page - Toshiba Semiconductor SSM5G09TU Datasheet HTML 5Page - Toshiba Semiconductor SSM5G09TU Datasheet HTML 6Page - Toshiba Semiconductor SSM5G09TU Datasheet HTML 7Page - Toshiba Semiconductor SSM5G09TU Datasheet HTML 8Page - Toshiba Semiconductor SSM5G09TU Datasheet HTML 9Page - Toshiba Semiconductor SSM5G09TU Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SSM5G09TU
2007-11-01
9
Transient thermal impedance Graph
1
0.001
1000
100
10
0.1
100
1000
1
Single pulse
Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 645 mm
2
)
0.01
10
Pulse width tw (s)
rth – tw (SBD)
Pulse width tw (s)
rth – tw (MOSFET)
0.001
1000
0.01
0.1
1
100
10
100
1000
1
10
Single pulse
Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 645 mm
2
)


유사한 부품 번호 - SSM5G09TU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM5G09TU TOSHIBA-SSM5G09TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM5G09TU TOSHIBA-SSM5G09TU_14 Datasheet
313Kb / 10P
   Silicon P Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
More results

유사한 설명 - SSM5G09TU

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com