전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM5N16FE 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 SSM5N16FE
상세설명  High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5N16FE 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  SSM5N16FE Datasheet HTML 1Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 2Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 3Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 4Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM5N16FE
2007-11-01
4
(Q1, Q2 common)
⎪Yfs⎪ – ID
IDR – VDS
C – VDS
t – ID
PD* – Ta
Drain current
ID (mA)
Drain-Source voltage VDS (V)
Drain-Source voltage VDS (V)
Drain current ID (mA)
Ambient temperature Ta (°C)
1
10
100
1000
1
3
5
10
30
50
100
300
500
Common source
VDS = 3 V
Ta
= 25°C
0.1
1
10
100
10
30
50
100
300
500
1000
3000
5000
Common source
VDD = 3 V
VGS = 0~2.5 V
Ta
= 25°C
tr
ton
tf
toff
0
0
100
250
160
40
50
150
200
80
120
Mounted on FR4 board.
(25.4 mm
× 25.4 mm × 1.6 t
Cu Pad: 0.135 mm
2 × 5)
*: Total Rating
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
0.3
10
100
1
5
50
0.1
1
10
100
5
50
0.5
30
3
0.5
0.3
3
30
0
100
250
50
150
200
0
−1.4
−0.4
−0.2
−0.6
−0.8
−1
−1.2
Common source
VGS = 0 V
Ta
= 25°C
G
D
S
IDR


유사한 부품 번호 - SSM5N16FE

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM5N16FU TOSHIBA-SSM5N16FU Datasheet
155Kb / 5P
   High Speed Switching Applications
More results

유사한 설명 - SSM5N16FE

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com