전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC4094AP 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74HC4094AP
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4094AP 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74HC4094AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74HC4094AP/AF/AFN
2007-10-01
5
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (H)
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
(STROBE)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(SERIAL)
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(STROBE)
ts
2.0
4.5
6.0
100
20
17
125
25
21
ns
Minimum hold time
(SERIAL)
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum hold time
(STROBE)
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Clock frequency
f
2.0
4.5
6.0
6
30
35
5
24
28
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
(CK-Qn)
tpLH
tpHL
22
35
ns
Propagation delay time
(CK-QS, Q’S)
tpLH
tpHL
16
25
ns
Propagation delay time
(STROBE-Qn)
tpLH
tpHL
16
27
ns
3-state output enable time
tpZL
tpZH
RL = 1 kΩ
13
25
ns
Maximum clock frequency
fmax
33
73
MHz


유사한 부품 번호 - TC74HC4094AP_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
More results

유사한 설명 - TC74HC4094AP_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74AC299P TOSHIBA-TC74AC299P_07 Datasheet
425Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
TC74AC166P TOSHIBA-TC74AC166P_07 Datasheet
503Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (P-IN, S-OUT)
TC74ACT164F TOSHIBA-TC74ACT164F_07 Datasheet
233Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74AC164P TOSHIBA-TC74AC164P_07 Datasheet
295Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com