전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP350 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TLP350
상세설명  GaA?밃s IRED Photo IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP350 데이터시트(HTML) 7 Page - Toshiba Semiconductor

  TLP350_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP350
2007-10-01
7
I CCL -Ta
I CCH -Ta
-40 -20
0
20
40
60
80 100
0
1
2
3
4
5
-40 -20
0
20406080 100
0
1
2
3
4
5
Ambient Temperature Ta(°C)
Ambient Temperature Ta(
°C)
tpHL,tp LH-Ta
tpHL,tp LH-V CC
-40 -20
0
20
40
60
80 100
0
100
200
300
400
500
15
20
25
30
0
100
200
300
400
500
Ambient Temperature Ta(°C)
Supply Voltage VCC (V)
tpHL,tp LH-I F
IFLH-Ta
4
6
8
10121416
0
100
200
300
400
500
-40 -20
0
20406080 100
0
1
2
3
4
5
Forward current IF (mA)
Ambient Temperature Ta(°C)
*: The above graphs show typical characteristics.
I F=5mA
VCC=30V
VCC=30V
IF=5mA,VCC=30V,
Rg=20Ω,Cg=10nF
tpHL
tpLH
VCC=15V,VO>1V,
IO=0mA
IF=5mA,Rg=20Ω,Cg=10nF
tpHL
tpLH
VCC=30V,
Rg=20Ω,Cg=10nF
tpLH
tpHL


유사한 부품 번호 - TLP350_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3506 TOSHIBA-TLP3506 Datasheet
147Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
More results

유사한 설명 - TLP350_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com