전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA48L025F 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TA48L025F
상세설명  Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48L025F 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TA48L025F Datasheet HTML 1Page - Toshiba Semiconductor TA48L025F Datasheet HTML 2Page - Toshiba Semiconductor TA48L025F Datasheet HTML 3Page - Toshiba Semiconductor TA48L025F Datasheet HTML 4Page - Toshiba Semiconductor TA48L025F Datasheet HTML 5Page - Toshiba Semiconductor TA48L025F Datasheet HTML 6Page - Toshiba Semiconductor TA48L025F Datasheet HTML 7Page - Toshiba Semiconductor TA48L025F Datasheet HTML 8Page - Toshiba Semiconductor TA48L025F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TA48L018,02,025,03,033,05F
2006-11-02
5
TA48L033F
Electrical Characteristics
(CIN = 0.33 μF, COUT = 3.3 μF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 5.3 V, IOUT = 40 mA
3.2
3.3
3.4
Output voltage
VOUT
4.3 V <= VIN <= 12 V, 5 mA <= IOUT <= 100
mA, 0°C <= Tj <= 125°C
3.135
3.3
3.465
V
Line regulation
Reg · line
4.3 V <= VIN <= 12 V, IOUT = 40 mA
2
20
mV
Load regulation
Reg · load VIN = 5.3 V, 5 mA <= IOUT <= 150 mA
18
40
mV
4.3 V <= VIN <= 12 V, IOUT = 0 A
0.4
0.8
Quiescent current
IB
4.3 V <= VIN <= 12 V, IOUT = 100 mA
1
5
mA
VIN = 3.0 V, IOUT = 0 A
0.5
1.5
Starting quiescent current
IBstart
VIN = 3.0 V, IOUT = 100 mA
7
20
mA
Output noise voltage
VNO
VIN = 5.3 V, IOUT = 40 mA,
10 Hz <= f <= 100 kHz
85
μVrms
Ripple rejection
R.R.
4.3 V <= VIN <= 12 V, IOUT = 40 mA,
f
= 120 Hz
50
68
dB
IOUT = 40 mA
0.16
0.35
Dropout voltage
VD
IOUT = 100 mA
0.27
0.5
V
Average temperature coefficient of
output voltage
TCVO
VIN = 5.3 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.55
mV/°C
TA48L05F
Electrical Characteristics
(CIN = 0.33 μF, COUT = 3.3 μF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 7.0 V, IOUT = 40 mA
4.85
5.0
5.15
Output voltage
VOUT
6.0 V <= VIN <= 12 V, 5 mA <= IOUT <= 100
mA, 0°C <= Tj <= 125°C
4.75
5.0
5.25
V
Line regulation
Reg · line
6.0 V <= VIN <= 12 V, IOUT = 40 mA
2
20
mV
Load regulation
Reg · load VIN = 7.0 V, 5 mA <= IOUT <= 150 mA
18
45
mV
6.0 V <= VIN <= 12 V, IOUT = 0 A
0.4
0.8
Quiescent current
IB
6.0 V <= VIN <= 12 V, IOUT = 100 mA
1
5
mA
VIN = 4.5V,IOUT = 0 A
0.5
1.5
Starting quiescent current
IBstart
VIN = 4.5 V, IOUT = 100 mA
7
20
mA
Output noise voltage
VNO
VIN = 7.0V, IOUT = 40 mA,
10 Hz <= f <= 100 kHz
135
μVrms
Ripple rejection
R.R.
6.0 V <= VIN <= 12 V, IOUT = 40 mA,
f
= 120 Hz
50
64
dB
IOUT = 40 mA
0.16
0.35
Dropout voltage
VD
IOUT = 100 mA
0.27
0.5
V
Average temperature coefficient of
output voltage
TCVO
VIN = 7.0 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.85
mV/°C


유사한 부품 번호 - TA48L025F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA48L025F TOSHIBA-TA48L025F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
More results

유사한 설명 - TA48L025F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
NEC
UPD120N NEC-UPD120N Datasheet
157Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
Toshiba Semiconductor
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
TA48015BF TOSHIBA-TA48015BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com