전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA76L431FT 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TA76L431FT
상세설명  2.49-V Adjustable High-Precision Shunt Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76L431FT 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TA76L431FT Datasheet HTML 1Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 2Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 3Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 4Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 5Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 6Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 7Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 8Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TA76L431FT/S
2006-11-06
2
Pin Assignment/Marking
TA76L431FT
TA76L431S
How to Order
Product No.
Package Type
Packing Type and Capacity
Minimum Order
TA76L431FT (TE85L,F
UFV
(surface-mount type)
Embossed tape: 3000/tape
1 tape
TA76L431S(Q)
Loose in bag: 200/bag
1 bag
TA76L431S (TPE6,Q)
TO-92MOD
(lead type)
Radial tape: 2000/tape
1 tape
Note: The lead pitch for the TA76L431S(Q) and TA76L431S(TPE6,Q) may vary.
Functional Block Diagram
Circuit Symbol
Cathode (K)
Reference (REF)
Anode (A)
2.49V
Anode (A)
Cathode (K)
Reference (REF)
1: NC
2: ANODE (A)
3: CATHODE (K)
4: REFERENCE (REF)
5: ANODE (A)
1 F
5
4
1
3
2
1: REFERENCE (REF)
2: ANODE (A)
3: CATHODE (K)
Lot No: (weekly code)
TA76L
1
2
3
431S
A line indicates
lead (Pb)-free finish.


유사한 부품 번호 - TA76L431FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
More results

유사한 설명 - TA76L431FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
   1.26-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com