전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA78DS05CP 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TA78DS05CP
상세설명  5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78DS05CP 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TA78DS05CP Datasheet HTML 1Page - Toshiba Semiconductor TA78DS05CP Datasheet HTML 2Page - Toshiba Semiconductor TA78DS05CP Datasheet HTML 3Page - Toshiba Semiconductor TA78DS05CP Datasheet HTML 4Page - Toshiba Semiconductor TA78DS05CP Datasheet HTML 5Page - Toshiba Semiconductor TA78DS05CP Datasheet HTML 6Page - Toshiba Semiconductor TA78DS05CP Datasheet HTML 7Page - Toshiba Semiconductor TA78DS05CP Datasheet HTML 8Page - Toshiba Semiconductor TA78DS05CP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TA78DS05,06,08,09,10,12,15BP,05CP
2006-11-02
2
Block Diagram
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Operating input voltage
VIN
29
V
Input voltage of surge
VIN
60
V
Power dissipation
(Ta = 25°C)
PD
800
mW
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−55~150
°C
Junction temperature
Tj
150
°C
Thermal resistance
Rth (j-a)
156
°C/W
Soldering temperature time
Tsol
260 (10 s)
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).


유사한 부품 번호 - TA78DS05CP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA78DS05CP TOSHIBA-TA78DS05CP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
More results

유사한 설명 - TA78DS05CP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7805F TOSHIBA-TA7805F_07 Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA7805SB TOSHIBA-TA7805SB_07 Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
logo
Infineon Technologies A...
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
   5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com