전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA78M06SB 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TA78M06SB
상세설명  Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78M06SB 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TA78M06SB Datasheet HTML 6Page - Toshiba Semiconductor TA78M06SB Datasheet HTML 7Page - Toshiba Semiconductor TA78M06SB Datasheet HTML 8Page - Toshiba Semiconductor TA78M06SB Datasheet HTML 9Page - Toshiba Semiconductor TA78M06SB Datasheet HTML 10Page - Toshiba Semiconductor TA78M06SB Datasheet HTML 11Page - Toshiba Semiconductor TA78M06SB Datasheet HTML 12Page - Toshiba Semiconductor TA78M06SB Datasheet HTML 13Page - Toshiba Semiconductor TA78M06SB Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TA78M05,06,08,09,10,12,15,18,20,24SB
2007-02-19
10
TA78M18SB
Electrical Characteristics
(Unless otherwise specified, VIN = 27 V, IOUT = 350 mA, 0°C Tj 125°C, CIN = 0.33 μF,
COUT = 0.1 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
17.3
18.0
18.7
V
21 V ≤ VIN ≤ 33 V,
IOUT = 200 mA
9
100
Line regulation
Reg·line
1
Tj = 25°C
24 V ≤ VIN ≤ 33 V,
IOUT = 200 mA
5
50
mV
5 mA ≤ IOUT ≤ 500 mA
28
360
Load regulation
Reg·load
1
Tj = 25°C
5 mA ≤ IOUT ≤ 200 mA
10
180
mV
Output voltage
VOUT
1
Tj = 25°C
21 V ≤ VIN ≤ 33 V,
5 mA ≤ IOUT ≤ 350 mA
17.1
18.9
V
Quiescent current
IB
1
Tj = 25°C
4.8
8.0
mA
Line
ΔIBI
1
21.5 V ≤ VIN ≤ 33.5 V,
IOUT = 200 mA
0.8
Quiescent current
change
Load
ΔIBO
1
Tj = 25°C
5 mA ≤ IOUT ≤ 350 mA
0.5
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
90
490
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, IOUT = 100 mA,
22 V ≤ VIN ≤ 32 V, Tj = 25°C
53
60
dB
Short circuit current limit
ISC
1
Tj = 25°C
960
mA
Dropout voltage
VD
1
Tj = 25°C
1.7
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−2.5
mV/°C


유사한 부품 번호 - TA78M06SB

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA78M06SB TOSHIBA-TA78M06SB Datasheet
631Kb / 19P
   0.5A THREE TERMINAL PLSITIVE VOLTAGE REGULATORS
More results

유사한 설명 - TA78M06SB

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA78M05F TOSHIBA-TA78M05F_07 Datasheet
784Kb / 21P
   Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
   Output Current of 1A, Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com