전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1360AFG 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TA1360AFG
상세설명  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360AFG 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TA1360AFG_05 Datasheet HTML 6Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 7Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 8Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 9Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 10Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 11Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 12Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 13Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
TA1360AFG
2005-08-18
10
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
60
Cr2/Pr2 IN
Inputs Cr2/Pr2 signal via clamp
capacitor.
700 mVp-p700 mVp-p at 100% color
bar for Cr1/Pr1
61
Cb2/Pb2 IN
Inputs Cb2/Pb2 signal via clamp
capacitor.
700 mVp-p at 100% color bar for
Cb1/Pb1
63
Y2 IN
Inputs Y2 signal via clamp
capacitor.
1 Vp-p (including sync) at 100%
color bar
or
62
NC
This pin is not used.
Connect to GND.
64
LIGHT AREA
DET FILTER
Connects filter for detecting light
area.
Voltage of this pin controls
dynamic γ circuit gain for light
area.
DC
65
Y/C GND
GND pin for Y/C block
66
Cr1/Pr1 IN
Inputs Cr1/Pr1 signal via clamp
capacitor.
700 mVp-p700 mVp-p at 100% color
bar for Cr1/Pr1
67
Cb1/Pb1 IN
Inputs Cb1/Pb1 signal via clamp
capacitor.
700 mVp-p at 100% color bar for
Cb1/Pb1
68
Y1 IN
Inputs Y1 signal via clamp
capacitor.
1 Vp-p (including sync) at 100%
color bar
or
69
NC
This pin is not used.
Connect to GND.
16
65
1 k
1 k
5 kΩ
66
67
68
75
64
65
5 k
1 k
16
65
1 kΩ
1 kΩ
5 k
60
61
63


유사한 부품 번호 - TA1360AFG_05

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

유사한 설명 - TA1360AFG_05

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com