전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1384FNG 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TA1384FNG
상세설명  Mixer/Oscillator and PLL IC for TV/VCR Tuner
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1384FNG 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TA1384FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 9Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 10Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 11Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TA1384FNG
2004/11/24
8
PLL / Band Block
(Unless otherwise specified, Vcc = 5 V, Ta = 25℃)
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
IBD-1
Pin 4, maximum drive current
-
-
7
IBD-2
Pin 5, maximum drive current
-
-
10
IBD-3
Pin 6, maximum drive current
-
-
3
Band Port Drive Current
IBD-4
1
Pin 7, maximum drive current
7
mA
Band Port Drive Maximum
Current
IBDmax
1
Maximum drive current / 2 port
ON
-
-
17
mA
Band Port Drive Voltage Drop
VBDsat
1
With each port at maximum
current drive. 1 port ON
-
0.15
0.2
V
Tuning Amplifier Output
Voltage (Close Loop)
Vt out
3
Isink = 1.5 mA
0.3
-
33
V
Tuning Amplifier Maximum
Current
Ivt
3
VBT = 33 V
-
-
1.5
mA
Crystal Negative Resistance
XtR
1
4-MHz crystal used
1
2
-
Crystal Operating Range
Xo fin
1
-
-
4
-
MHz
Crystal External Input Level
Xo extl
2
Ref. freq. = 4 MHz input
-
400
-
mVp-p
Ratio Setting Range
N
-
15-bit counter
1024
-
32767
Ratio
Logic Input Low Voltage
VBsL
1
SDA, SCL pin
-0.3
-
1.5
V
Logic Input High Voltage
VBsH
1
SDA, SCL pin
2.7
-
Vcc
+0.3
V
Logic Input Current (Low)
I BsL
1
SDA, SCL pin
-20
-
10
uA
Logic Input Current (High)
I BsH
1
SDA, SCL pin
-10
-
20
uA
CP = 0
±40
±55
±70
Charge Pump Output Current
Ichg
1
CP = 1
±190
±250
±310
uA
ACK Output Voltage
VACK
1
ISINK = 3 mA
-
-
0.4
V
The range of the crystal external input level (Xo extl) in the internal circuit configuration is 300 – 650 mVp-p (when a signal of 4
MHz is applied).


유사한 부품 번호 - TA1384FNG

제조업체부품명데이터시트상세설명
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

유사한 설명 - TA1384FNG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJM2540 NJRC-NJM2540 Datasheet
122Kb / 8P
   Mixer and Oscillator for TV Tuner
NJM2531A NJRC-NJM2531A Datasheet
113Kb / 8P
   Mixer and Oscillator for TV Tuner
logo
Texas Instruments
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com