전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2170FTG 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TA2170FTG
상세설명  Low Current Consumption Headphone Amplifier (Built-in input selector)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2170FTG 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TA2170FTG Datasheet HTML 2Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 3Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 4Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 5Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 6Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 7Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 8Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 9Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TA2170FTG
2006-04-19
6
(2)
2 inputs mode
Attenuation to an input signal (dB)
MUTE SW
BUF1
BUF2
BUF3
Total gain
(dB)
MUTE1
MUTE1A
MUTE2
MUTE3
Ach
Bch
Ach
Bch
Ach
Bch
Ach
Bch
Input signal is applied to BUF 1 and BUF 2.
OFF
OFF
OFF
ON
−6
−6
−6
−6
0
0
OFF
OFF
OFF
OFF
−9.5
−9.5
−9.5
−9.5
−3.5
−3.5
OFF
ON
OFF
ON
OFF
ON
OFF
OFF
−6
−9.5
−6
−3.5
0
Input signal is applied to BUF 1 and BUF 3.
OFF
OFF
ON
OFF
−6
−6
−6
−6
0
0
OFF
OFF
OFF
OFF
−9.5
−9.5
−9.5
−9.5
−3.5
−3.5
OFF
ON
ON
OFF
−6
−6
−6
−6
0
OFF
ON
OFF
OFF
−9.5
−9.5
−9.5
−9.5
−3.5
Input signal is applied to BUF 2 and BUF 3.
ON
ON/OFF
OFF
OFF
−6
−6
−6
−6
0
0
OFF
ON
OFF
OFF
−6
−9.5
−6
−9.5
0
−3.5
OFF
OFF
OFF
OFF
−9.5
−9.5
−9.5
−9.5
−3.5
−3.5
(3)
3 inputs mode
Attenuation to an input signal (dB)
MUTE SW
BUF1
BUF2
BUF3
Total gain
(dB)
MUTE1
MUTE1A
MUTE2
MUTE3
Ach
Bch
Ach
Bch
Ach
Bch
Ach
Bch
OFF
OFF
OFF
OFF
−9.5
−9.5
−9.5
−9.5
−9.5
−9.5
0
0
OFF
ON
OFF
OFF
−9.5
−9.5
−9.5
−9.5
−9.5
−3.5
0
2.
Low-cut compensation
The low-frequency range can be decreased using an output-coupling capacitor and a load (fc = 50 Hz at
C
= 100 µF, R = 32 Ω). However, since the capacitor is connected between the IC’s output pin (pin 9/11) and
EQ pin (pin 8/12), the low-frequency gain of the power amplifier increases, enabling low-cut compensation
to be performed. For the response of capacitors of different values, please refer to
Figure 1.
Figure 1
Capacitor response
Frequency
f
(Hz)
RES – f
Coupling C
= 100 µF
RL = 32 Ω
0.15
µF
4.0
−12.0
−10.0
−8.0
−6.0
−4.0
−2.0
0.0
2.0
10
50
100
500 1000
5000
0.1
µF
0.22
µF
No compensation


유사한 부품 번호 - TA2170FTG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2170FLG TOSHIBA-TA2170FLG Datasheet
231Kb / 13P
   Low Current Consumption Headphone Amplifier (Built-in Input Selector)
More results

유사한 설명 - TA2170FTG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2170FLG TOSHIBA-TA2170FLG Datasheet
231Kb / 13P
   Low Current Consumption Headphone Amplifier (Built-in Input Selector)
logo
Asahi Kasei Microsystem...
AKD4665A-A AKM-AKD4665A-A Datasheet
880Kb / 39P
   20bit CODEC with built-in Input PGA and Headphone Amplifier
logo
Toshiba Semiconductor
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2131FLG TOSHIBA-TA2131FLG Datasheet
438Kb / 21P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FN TOSHIBA-TA2131FN Datasheet
280Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com