전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7259F 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TA7259F
상세설명  3-PHASE BRUSHLESS DC MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7259F 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TA7259F Datasheet HTML 2Page - Toshiba Semiconductor TA7259F Datasheet HTML 3Page - Toshiba Semiconductor TA7259F Datasheet HTML 4Page - Toshiba Semiconductor TA7259F Datasheet HTML 5Page - Toshiba Semiconductor TA7259F Datasheet HTML 6Page - Toshiba Semiconductor TA7259F Datasheet HTML 7Page - Toshiba Semiconductor TA7259F Datasheet HTML 8Page - Toshiba Semiconductor TA7259F Datasheet HTML 9Page - Toshiba Semiconductor TA7259F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TA7259P/F/FG
2006-4-14
6
Position sensing drive
Both constant current drive and constant voltage drive are available because the same-phase voltage range
of the position sensing device is wide. (Spec.: 2∼VCC−2.5V. When VCC is 12V, the range is 2 to 9.5V).
We recommend use of the TOSHIBA THS series of Ga-As position sensing devices.
In comparison with an In-Sb position sensor, the Ga−As sensor is mechanically stronger, has better
temperature characteristics, and is less prone to saturation by magnetism or current. However, its application
has been limited by its lower sensitivity when compared with the In-Sb type.
As for the TA7259, a Ga-As position sensor can be applied by improving the sensitivity of its input amp and
reducing the offset. When W/F characteristics are poor, increasing the position sensing input may be effective.
However, take care not to exceed the maximum permissible input.
(For details, refer to the technical documents of the Toshiba THS series of Ga-As position sensing devices.)
Position sensing drive (1)


유사한 부품 번호 - TA7259F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7259F TOSHIBA-TA7259F Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
More results

유사한 설명 - TA7259F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com