전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL057R003 데이터시트(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

부품명 SL057R003
상세설명  Circuit Protection Thermistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMETHERM [AMETHERM Circuit Protection Thermistors]
홈페이지  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL057R003 데이터시트(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL057R003 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL05 7R003
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL05 7R003
-A
Electrical Specifications:
Mechanical Specifications:
Rhot = (A) (I) EXP (B)
Where I = current 0.50 A
≥ I ≥ 3.0A
Revision Date: March 19, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Not Available
Resistance @ 25°C
7.0
Ω ± 20%
Resistance @ 0°C/ Resistance @ 50°C
4.95
± 1%
Resistance @ 25°C/ Resistance @ 125°C
12.8
± 2%
Beta
2929
± 0.87%
Maximum Steady State Current
3.0 A
Maximum " ON" Resistance @ 2.0 Amp
0.060
Maximum Instantaneous Energy (Joules)
2.0 J
Maximum Capacitance @ 120VAC/ 240VAC
120
µF / 30µF
Material Type
“B”
Dissipation Constant
5.0 Mw/°C
Thermal Time Constant
15.0 seconds
Constant A for the formula shown below
0.273
Constant B for the formula shown below
-1.241
D
5.6 mm Max
T
3.0 mm Max
Lead Diameter
0.5 mm Nom
S
5.0 mm Nom
L
38.0 mm Min
Straight Leads
Standard
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


유사한 부품 번호 - SL057R003

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Micro Commercial Compon...
SL05 MCC-SL05 Datasheet
369Kb / 2P
   Transient Voltage Suppressor 300 Watt
logo
Microsemi Corporation
SL05 MICROSEMI-SL05 Datasheet
89Kb / 2P
   TVSarray Series
logo
Semtech Corporation
SL05 SEMTECH-SL05 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shenzhen Luguang Electr...
SL05 LUGUANG-SL05 Datasheet
152Kb / 2P
   TVS Array Series
More results

유사한 설명 - SL057R003

제조업체부품명데이터시트상세설명
logo
AMETHERM Circuit Protec...
MS1215102 AMETHERM-MS1215102 Datasheet
35Kb / 1P
   Circuit Protection Thermistors
SL321R036 AMETHERM-SL321R036 Datasheet
159Kb / 1P
   Circuit Protection Thermistors
SL2210007 AMETHERM-SL2210007 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210009-17 AMETHERM-SL2210009-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2212102 AMETHERM-SL2212102 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
NT0510052 AMETHERM-NT0510052 Datasheet
73Kb / 1P
   Circuit Protection Thermistors
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com