전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESCA-0102 데이터시트(PDF) 4 Page - Astrodyne Corporation

부품명 ESCA-0102
상세설명  10W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTRODYNE [Astrodyne Corporation]
홈페이지  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-0102 데이터시트(HTML) 4 Page - Astrodyne Corporation

  ESCA-0102 Datasheet HTML 1Page - Astrodyne Corporation ESCA-0102 Datasheet HTML 2Page - Astrodyne Corporation ESCA-0102 Datasheet HTML 3Page - Astrodyne Corporation ESCA-0102 Datasheet HTML 4Page - Astrodyne Corporation ESCA-0102 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10W Ultraminiature Encapsulated Switching Power Supplies
E C A - 1 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
OUTPUT DERATING CURVE
0
10
20
30
40
50
60
70
20
40
60
80
100
50
Ambient Temperature, °C
90
70
30
MECHANICAL DIMENSIONS
0.22 [5.5]
.XX ± 0.01 [0.25]
.XXX ± 0.005 [0.13]
Tolerance:
Dimensions shown in inch [mm]
0.20 [5.1]
0.040 [1.02] DIA. TYP.
1.77 [45.0]
0.83 [21.0]
2.56 [65.0]
2.126 [54.0]
Model
Type / Pin#
Single Dual
1
AC HI
AC HI
2
AC LO
AC LO
3
GND
GND
6
+Vout
+Vout
8
No Pin
Out Com
9
-Vout
-Vout


유사한 부품 번호 - ESCA-0102

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

유사한 설명 - ESCA-0102

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com