전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC40-24S05 데이터시트(PDF) 1 Page - Astrodyne Corporation

부품명 FDC40-24S05
상세설명  Isolated and Regulated 40 WATT Modular DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTRODYNE [Astrodyne Corporation]
홈페이지  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC40-24S05 데이터시트(HTML) 1 Page - Astrodyne Corporation

  FDC40-24S05 Datasheet HTML 1Page - Astrodyne Corporation FDC40-24S05 Datasheet HTML 2Page - Astrodyne Corporation FDC40-24S05 Datasheet HTML 3Page - Astrodyne Corporation FDC40-24S05 Datasheet HTML 4Page - Astrodyne Corporation FDC40-24S05 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
F D C 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
PI Input Filter
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
FDC40-12S33
3.3 VDC
10
9-18 VDC
FDC40-24S33
10
18-36 VDC
FDC40-48S33
10
36-72 VDC
FDC40-12S05
5 VDC
8
9-18 VDC
FDC40-24S05
8
18-36 VDC
FDC40-48S05
8
36-72 VDC
FDC40-12S12
12 VDC
3.4
9-18 VDC
FDC40-24S12
3.4
18-36 VDC
FDC40-48S12
3.4
36-72 VDC
FDC40-12S15
15 VDC
2.7
9-18 VDC
FDC40-24S15
2.7
18-36 VDC
FDC40-48S15
2.7
36-72 VDC
UL E193009;
TUV R2054535;
CB JPTUV-001393
Unit measures 2.76”W x 3.94”L x 0.75”H
Order On-Line!
astrodyne.com


유사한 부품 번호 - FDC40-24S05

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC40-24S05 ETC1-FDC40-24S05 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Volgen Kaga Electronics...
FDC40-24S05 VOLGEN-FDC40-24S05 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
logo
Astrodyne Corporation
FDC40-24S05 ASTRODYNE-FDC40-24S05 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

유사한 설명 - FDC40-24S05

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40_16 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com