전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7368FG 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TA7368FG
상세설명  Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7368FG 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TA7368FG Datasheet HTML 4Page - Toshiba Semiconductor TA7368FG Datasheet HTML 5Page - Toshiba Semiconductor TA7368FG Datasheet HTML 6Page - Toshiba Semiconductor TA7368FG Datasheet HTML 7Page - Toshiba Semiconductor TA7368FG Datasheet HTML 8Page - Toshiba Semiconductor TA7368FG Datasheet HTML 9Page - Toshiba Semiconductor TA7368FG Datasheet HTML 10Page - Toshiba Semiconductor TA7368FG Datasheet HTML 11Page - Toshiba Semiconductor TA7368FG Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TA7368PG/FG
2006-04-28
8
F+PCB
By being mounted on certain PCB's, flat packages increase
the heat dissipating efficiency.
Data shown on the left is resulted from the measurement
on the PCB recommended by TOSHIBA.
(θj−Τ : Thermal resistance)
Printed Circuit Board
Material: Phenol resin
Thickness of copper leaf: 35µm
Plate thickness: 1.6mm
F + PCB
θj − T = 210°C / W
1.2
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
120
160
0
140
PD – Ta
Ambient Temperature Ta (°C)
TA7368PG
F + PCB
TA7368FG


유사한 부품 번호 - TA7368FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7368F TOSHIBA-TA7368F Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
TA7368F TOSHIBA-TA7368F Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
More results

유사한 설명 - TA7368FG

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com