전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7712P 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TA7712P
상세설명  3-Phase, Full-Wave Brushless DC Motor Controller IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7712P 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TA7712P Datasheet HTML 3Page - Toshiba Semiconductor TA7712P Datasheet HTML 4Page - Toshiba Semiconductor TA7712P Datasheet HTML 5Page - Toshiba Semiconductor TA7712P Datasheet HTML 6Page - Toshiba Semiconductor TA7712P Datasheet HTML 7Page - Toshiba Semiconductor TA7712P Datasheet HTML 8Page - Toshiba Semiconductor TA7712P Datasheet HTML 9Page - Toshiba Semiconductor TA7712P Datasheet HTML 10Page - Toshiba Semiconductor TA7712P Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TA7712P/PG/F/FG
2007-9-11
7
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTICS
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
8
V
Output Current
IO
±25
mA
Position Sensor Input Voltage
(Tj = 25°C)
VH
500
mVp−p
TA8412P/PG
1.2
Power Dissipation
TA8412F/FG
PD (Note)
0.5
W
Operating Temperature
Topr
−30 to 75
°C
Storage Temperature
Tstg
−55 to 150
°C
Note:
Measured for the IC only
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, VCC = 5 V, Ta = 25°C)
CHARACTERISTICS
SYMBOL
TEST
CIR−
CUIT
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Operating Supply Voltage
VCC (opr)
4.75
5.00
5.25
V
ICC1
In Stop mode
3.4
6.0
Power Supply Current
ICC2
1
Output: open
17.0
26.0
mA
VSAT (U−1)
RL = 200 Ω
1.3
2.0
High Side
VSAT (U−2)
RL = 2 kΩ
1.0
1.3
VSAT (L−1)
RL = 200 Ω
0.8
1.2
Saturation Voltage
Low Side
VSAT (L−2)
2
RL = 2 kΩ
0.18
0.4
V
High Side
IL (U)
100
Leakage Current
Low Side
IL (L)
2
100
μA
In-phaseInput Voltage
Range
CMRH
2.0
4.5
V
Input Sensitivity
VH
20
mVp−p
Position
Sensor
Input
Input Hysteresis
VH−Hys
2
7
15
mV
H
VIN R (H)
2
4.0
Operating Input
Voltage
L
VIN R (L)
2
1.0
V
START
Input (RUN)
Input Current
L
IIN R
2
VIN R = 1.0 V
200
μA
H
VIN C (H)
4.0
Operating Input
Voltage
L
VIN C (L)
1.0
V
CW / CCW
Input
(FWD / REV)
Input Current
L
IIN C
2
VIN C = 1.0 V
200
μA
H
VIN B (H)
4.0
Operating Input
Voltage
L
VIN B (L)
1.0
V
BRAKE
Input
(BRAKE)
Input Current
H
IIN B
2
VIN N = 1.0 V
200
μA
Output Current
H
IFGH
3
80
μA
Output Voltage
L
VFGL
3
IFG = 0.3 mA
0.4
V
FG Output
Pulse Width
τFG
3
C = 0.1 μF, R = 10 kΩ
0.9
1.0
1.1
ms


유사한 부품 번호 - TA7712P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
   3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
More results

유사한 설명 - TA7712P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA7745P TOSHIBA-TA7745P_06 Datasheet
385Kb / 11P
   3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6551F TOSHIBA-TB6551F Datasheet
230Kb / 18P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6551FAG TOSHIBA-TB6551FAG Datasheet
374Kb / 21P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2012-09-28
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6634FNG TOSHIBA-TB6634FNG Datasheet
914Kb / 29P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com