전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA4808BF 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TA4808BF
상세설명  1 A Three-Terminal Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4808BF 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TA4808BF Datasheet HTML 1Page - Toshiba Semiconductor TA4808BF Datasheet HTML 2Page - Toshiba Semiconductor TA4808BF Datasheet HTML 3Page - Toshiba Semiconductor TA4808BF Datasheet HTML 4Page - Toshiba Semiconductor TA4808BF Datasheet HTML 5Page - Toshiba Semiconductor TA4808BF Datasheet HTML 6Page - Toshiba Semiconductor TA4808BF Datasheet HTML 7Page - Toshiba Semiconductor TA4808BF Datasheet HTML 8Page - Toshiba Semiconductor TA4808BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TA48015,018,025,033,05,08,09BF
2007-06-25
2
Block Diagram
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
16
V
Output current
IOUT
1
A
Operating junction temperature
Tj(opr)
-40~150
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Ta
= 25°C
1
Power dissipation
Tc
= 25°C
PD
10
W
Note 1: Do not apply external current and voltage (including negative voltage) to non-specified pins.
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, junction to ambient
Rth (j−a)
125
/ W
Thermal resistance, junction to case
Rth (j−c)
12.5
/ W
Protection Function (reference)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Thermal shutdown
TSD
150
175
°C
Thermal shutdown hysteresis width
TSD(hys)
VIN = 3.4 V (015∼018BF) / 3.5 V (025BF)
4.3 V (033BF) / 6.0 V (05BF) /
9.0 V (08BF) / 10.0 V (09BF)
20
°C
VIN = VOUT + 2 V, Tj = 25°C
1.7
Peak circuit current
IPEAK
VIN = 12 V, Tj = 25°C
1.8
A
VIN = VOUT + 2 V, Tj = 25°C
1.2
Short circuit current
ISC
VIN = 12 V, Tj = 25°C
1.3
A
Note 3: Ensure that the devices operate within the limits of the maximum rating when in actual use.
1
IN
Over current
protection
2
OUT
3
GND
Thermal
shutdown circuit
Reference
voltage circuit
Constant
current circuit


유사한 부품 번호 - TA4808BF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA4808BF TOSHIBA-TA4808BF Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
More results

유사한 설명 - TA4808BF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com