전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA76432AF 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TA76432AF
상세설명  1.26-V Adjustable High-Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432AF 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TA76432AF Datasheet HTML 1Page - Toshiba Semiconductor TA76432AF Datasheet HTML 2Page - Toshiba Semiconductor TA76432AF Datasheet HTML 3Page - Toshiba Semiconductor TA76432AF Datasheet HTML 4Page - Toshiba Semiconductor TA76432AF Datasheet HTML 5Page - Toshiba Semiconductor TA76432AF Datasheet HTML 6Page - Toshiba Semiconductor TA76432AF Datasheet HTML 7Page - Toshiba Semiconductor TA76432AF Datasheet HTML 8Page - Toshiba Semiconductor TA76432AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA76432AFT/AF/AFR/AS
2006-11-07
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA76432AFT,TA76432AF,TA76432AFR,TA76432AS
1.26-V Adjustable High-Precision Shunt Regulators
The TA76432 series consists of adjustable high-precision shunt
regulators whose output voltage (VKA) can be set arbitrarily
using two external resistors.
These devices have a precise internal reference voltage of 1.26 V,
enabling them to operate at low voltage.
The devices are ideal for use as error amplifiers in 3-V
switching-regulator systems. In addition, they can be used as
zener diodes to perform temperature compensation.
Features
• Precision reference voltage: VREF = 1.26 V ± 1% (Ta = 25°C)
• Small temperature coefficient: |αVREF| = 30 ppm/°C (typ.)
• Adjustable output voltage: VREF ≤ VOUT ≤ 19 V
• Minimum cathode current for regulation:
Ikmin = 0.5 mA (max.)
• Operating temperature: Ta = −40~85°C
• Packages: UFV (TA76432AFT),
PW-MINI (TA76432AF/AFR) and
TO-92MOD (TA76432AS)
• The TA76432AFT is housed in an ultra-thin UFV package.
(thickness: 0.7 mm typ.)
TA76432AFT
TA76432AF/AFR
TA76432AS
Weight
SSOP5-P-0.65C : 0.007 g (typ.)
HSOP3-P-1.50
: 0.05 g (typ.)
SSIP3-P-1.27
: 0.36 g (typ.)


유사한 부품 번호 - TA76432AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA76432F TOSHIBA-TA76432F Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432F TOSHIBA-TA76432F Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FR TOSHIBA-TA76432FR Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

유사한 설명 - TA76432AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com