전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8372 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8372
상세설명  41 dB Range, 1 dB Step Size, Programmable Dual VGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8372 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8372 Datasheet HTML 5Page - Analog Devices AD8372 Datasheet HTML 6Page - Analog Devices AD8372 Datasheet HTML 7Page - Analog Devices AD8372 Datasheet HTML 8Page - Analog Devices AD8372 Datasheet HTML 9Page - Analog Devices AD8372 Datasheet HTML 10Page - Analog Devices AD8372 Datasheet HTML 11Page - Analog Devices AD8372 Datasheet HTML 12Page - Analog Devices AD8372 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8372
Rev. 0 | Page 9 of 16
0
5
10
15
20
25
30
35
40
45
50
20
40
60
80
100
120
140
160
180
200
AV = 10dB
AV = 20dB
AV = 32dB
0
FREQUENCY (MHz)
AV = 0dB
Figure 11. Noise Figure vs. Frequency
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
1M
10M
100M
1G
Figure 12. Isolation, Input to Opposite Output at Maximum Gain
(To calculate output to output gain, subtract 29 dB from this plot)
20ns/DIV
Figure 13. AD8372 Response to 6 dB Step Change in Gain (Gain Register
Setting 36 to Setting 42); Falling Edge Shown is Serial Clock Input Edge


유사한 부품 번호 - AD8372

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
751Kb / 16P
   Programmable Dual VGA
AD8372-EVALZ AD-AD8372-EVALZ Datasheet
751Kb / 16P
   Programmable Dual VGA
AD8372ACPZ-R7 AD-AD8372ACPZ-R7 Datasheet
751Kb / 16P
   Programmable Dual VGA
AD8372ACPZ-WP AD-AD8372ACPZ-WP Datasheet
751Kb / 16P
   Programmable Dual VGA
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
More results

유사한 설명 - AD8372

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
   1.0 GHz DGA with 30 dB Range and 1 dB Step Size
AD8375 AD-AD8375 Datasheet
237Kb / 6P
   24dB Range, 1dB Step Size Programmable VGA
Rev. PrB March 13, 2007
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
Pasternack Enterprises,...
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
   Step Resolution of 1 dB
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
   31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
Analog Devices
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com