전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MA138FK 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7MA138FK
상세설명  Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA138FK 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7MA138FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA138FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA138FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA138FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA138FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA138FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA138FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA138FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA138FK_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC7MA138FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MA138FK
Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
The TC7MA138FK is a high performance CMOS 3-to-8 decoder
which is guaranteed to operate from 1.2-V to 3.6-V. Designed for
use in 1.5 V, 1.8 V, 2.5 V or 3.3 V systems, it achieves high speed
operation while maintaining the CMOS low power dissipation.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
When the device is enabled, 3 binary select inputs (A, B and C)
determine which one of the outputs (Y0 - Y0) will go low.
When enable input G1 is held low or either G2A or G2B is held
high, decoding function is inhibited and all outputs go high.
G1, G2A and G2B inputs are provided to ease cascade
connection and for use as an address decoder for memory
systems.
All inputs are equipped with protection circuits against static discharge.
Features
• Low voltage operation: VCC = 1.2~3.6 V
• High speed operation: tpd = 3.5 ns (max) (VCC = 3.0~3.6 V)
tpd = 4.1 ns (max) (VCC = 2.3~2.7 V)
tpd = 8.2 ns (max) (VCC = 1.65~1.95 V)
tpd = 16.4 ns (max) (VCC = 1.4~1.6 V)
tpd = 41.0 ns (max) (VCC = 1.2 V)
• 3.6 V tolerant inputs and outputs.
• Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
IOH/IOL = ±6 mA (min) (VCC = 1.65 V)
IOH/IOL = ±2 mA (min) (VCC = 1.4V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: VSSOP (US)
• Power down protection is provided on all inputs and outputs.
Weight: 0.02 g (typ.)


유사한 부품 번호 - TC7MA138FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
More results

유사한 설명 - TC7MA138FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX138FT TOSHIBA-TC74VCX138FT_07 Datasheet
260Kb / 11P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC74LCX138F TOSHIBA-TC74LCX138F_12 Datasheet
233Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC7MZ138FK TOSHIBA-TC7MZ138FK_07 Datasheet
192Kb / 8P
   Low Voltage 3-to-8 Line Decoder with 5 V Tolerant Inputs and Outputs
TC74LCX138F TOSHIBA-TC74LCX138F_07 Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX138FT TOSHIBA-TC74VCX138FT Datasheet
373Kb / 8P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com