전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MA2373FK 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7MA2373FK
상세설명  Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA2373FK 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7MA2373FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA2373FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA2373FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA2373FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA2373FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA2373FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA2373FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA2373FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA2373FK_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC7MA2373FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MA2373FK
Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
The TC7MA2373FK is a high performance CMOS octal D-type
latch. Designed for use in 1.8 V, 2.5 V or 3.3 V systems, it
achieves high speed operation while maintaining the CMOS low
power dissipation.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
This 8 bit D-type latch is controlled by a latch enable input
(LE) and output enable input (OE).
When the OE input is high, the eight outputs are in a high
impedance state.
The 26 Ω series resistor helps reducing output overshoot and
undershoot without external resistor.
All inputs are equipped with protection circuits against static discharge.
Features
• 26 Ω series resistors on outputs.
• Low voltage operation: VCC = 1.8~3.6 V
• High speed operation: tpd = 5.1 ns (max) (VCC = 3.0~3.6 V)
tpd = 6.1 ns (max) (VCC = 2.3~2.7 V)
tpd = 9.8 ns (max) (VCC = 1.8 V)
• 3.6 V tolerant inputs and outputs.
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: VSSOP (US)
• Power down protection is provided on all inputs and outputs.
• Supports live insertion/withdrawal (*)
*: To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
Weight: 0.03 g (typ.)


유사한 부품 번호 - TC7MA2373FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA2373FK TOSHIBA-TC7MA2373FK Datasheet
335Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC7MA2373FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA2573FK TOSHIBA-TC7MA2573FK_07 Datasheet
219Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA373FK TOSHIBA-TC7MA373FK_07 Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com