전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MB3251FK 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC7MB3251FK
상세설명  1-of-8 FET Multiplexer/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3251FK 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC7MB3251FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3251FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3251FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3251FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3251FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3251FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MB3251FK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TC7MB3251FK
2007-10-19
5
AC Test Circuit
AC Waveform
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
7.0 V
tpHZ, tpZH
Open
Open
7.0 V
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
90%
10%
VOL
3.5 V
GND
3.0 V
1.5 V
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
1.5 V
GND
VOH
Outputs
enabled
1.5 V
tpLZ
tpZL
VOH 0.3 V
Outputs
disabled
Outputs
enabled
Output Enable
( OE , S)
Output (A, B)
Low to Off to Low
Output (A, B)
High to Off to High
VOL +
0.3 V
Figure 3 tpLZ, tpHZ, tpZL, tpZH
Figure 2 tpLH, tpHL
90%
10%
Input
GND
3.0 V
tr 2.5 ns
tf 2.5 ns
1.5 V
Output
VOL
VOH
1.5 V
tpLH, tpHL
tpHL, tpLH


유사한 부품 번호 - TC7MB3251FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
130Kb / 8P
   1-of-8 FET Multiplexer/Demultiplexer
More results

유사한 설명 - TC7MB3251FK_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
   1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
logo
NXP Semiconductors
CBT3251 PHILIPS-CBT3251 Datasheet
93Kb / 10P
   CBT3251 1-of-8 FET multiplexer/demultiplexer
2002 Sep 09
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV3251PWRG4 TI-74CBTLV3251PWRG4 Datasheet
911Kb / 19P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com