전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MH153FK 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7MH153FK
상세설명  Dual 4-Channel Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH153FK 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7MH153FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MH153FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH153FK
Dual 4-Channel Multiplexer
The TC7MH153FK is an advanced high speed CMOS dual
4-channel multiplexers fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
bipolar schottky TTL while maintaining the CMOS low power
dissipation.
Each of these data (1C0-1C3, 2C0-2C3) is selected by the two
address inputs A and B.
Separate strobe inputs (1G, 2G) are provided for each of the
two four-line sections.
The strobe input (G) can be used to inhibit the data output; the
output is fixed in low level while the strobe input is held high.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This
circuit prevents device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 5.0 ns (typ.) (VCC = 5 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Pin and function compatible with 74ALS153
Weight: 0.02 g (typ.)


유사한 부품 번호 - TC7MH153FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER
More results

유사한 설명 - TC7MH153FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
   DUAL 4-CHANNEL MULTIPLEXER
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
   Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_12 Datasheet
218Kb / 10P
   Dual 4-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F Datasheet
268Kb / 7P
   DUAL 4 CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC153 STMICROELECTRONICS-M74HC153_01 Datasheet
526Kb / 10P
   DUAL 4 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER
TC74VHC153F TOSHIBA-TC74VHC153F_07 Datasheet
258Kb / 11P
   Dual 4-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com