전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MH175FK 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7MH175FK
상세설명  Quad D-Type Flip-Flop with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH175FK 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7MH175FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH175FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH175FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH175FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH175FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH175FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH175FK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MH175FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH175FK
Quad D-Type Flip-Flop with Clear
The TC7MH175FK is an advanced high speed CMOS quad
D-type flip-flop fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
bipolar schottky TTL while maintaining the CMOS low power
dissipation.
These four flip-flops are controlled by a clock input (CK) and a
clear input (CLR).
The information data applied to the D inputs (D1 thru D4) are
transferred to the outputs (Q1 thru Q4 and Q1 thru Q4) on the
positive-going edge of the clock pulse.
When the CLR input is held low , the Q outputs are at the low
logic level and the Q outputs are at the high logic level,
regardless of other input conditions.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V
systems and two supply systems such as battery back up. This circuit prevents device destruction due to
mismatched supply and input voltages.
Features
• High speed: fmax = 210 MHz (typ.) (VCC = 5 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS175
Weight: 0.02 g (typ.)


유사한 부품 번호 - TC7MH175FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TC7MH175FK_07

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
   Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
   Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com