전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MH373FK 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC7MH373FK
상세설명  Octal D-Type Latch with 3-State Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH373FK 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC7MH373FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MH373FK
2007-10-19
5
Timing Requirements (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Limit
Unit
3.3
± 0.3
5.0
5.0
Minimum pulse width
(LE)
tw (H)
5.0
± 0.5
5.0
5.0
ns
3.3
± 0.3
4.0
4.0
Minimum set-up time
t s
5.0
± 0.5
4.0
4.0
ns
3.3
± 0.3
1.0
1.0
Minimum hold time
t h
5.0
± 0.5
1.0
1.0
ns
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
7.0
11.0
1.0
13.0
3.3
± 0.3
50
9.5
14.5
1.0
16.5
15
4.9
7.2
1.0
8.5
Propagation delay time
(LE-Q)
tpLH
tpHL
5.0
± 0.5
50
6.4
9.2
1.0
10.5
ns
15
7.3
11.4
1.0
13.5
3.3
± 0.3
50
9.8
14.9
1.0
17.0
15
5.0
7.2
1.0
8.5
Propagation delay time
(D-Q)
tpLH
tpHL
5.0
± 0.5
50
6.5
9.2
1.0
10.5
ns
15
7.3
11.4
1.0
13.5
3.3
± 0.3
50
9.8
14.9
1.0
17.0
15
5.5
8.1
1.0
9.5
3-state output enable time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
7.0
10.1
1.0
11.5
ns
3.3
± 0.3
50
9.5
13.2
1.0
15.0
3-state output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
6.5
9.2
1.0
10.5
ns
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Bus input capacitance
COUT
6
pF
Power dissipation
capacitance
CPD
(Note 2)
27
pF
Note 1: This parameter is guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per latch)
And the total CPD when n pcs of latch operate can be gained by the following equation:
CPD (total) = 14 + 13・n


유사한 부품 번호 - TC7MH373FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
More results

유사한 설명 - TC7MH373FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com